Part Number Hot Search : 
UZ7715 TP160N 150UR80D XP01211 FQPF9N50 K2696 AT27B NV040
Product Description
Full Text Search
 

To Download 22SC5405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5405
Silicon NPN triple diffusion planar type
For high-speed switching and high current amplification ratio
Unit: mm
s Features
q q
9.90.3
3.00.5
4.60.2 2.90.2
q
High-speed switching High forward current transfer ratio hFE which has satisfactory linearity Dielectric breakdown voltage of the package: > 5kV (TC=25C)
Ratings 80 50 6 6 3 1 20 2.0 150 -55 to +150 Unit V V V A A A W C C
15.00.5
3.20.1
13.70.2 4.20.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC IB PC Tj Tstg
1.40.2 1.60.2 0.80.1
2.60.1
0.550.15
1
2
2.540.3 3 5.080.5
1:Base 2:Collector 3:Emitter TO-220D Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO ICEO IEBO VCEO hFE
*
Conditions VCB = 80V, IE = 0 VCE = 40V, IB = 0 VEB = 6V, IC = 0 IC = 25mA, IB = 0 VCE = 4V, IC = 0.5A IC = 2A, IB = 0.05A VCE = 12V, IC = 0.2A, f = 10MHz IC = 1A, IB1 = 0.05A, IB2 = - 0.1A, VCC = 50V
min
typ
max 100 100 100
Unit A A A V
50 500 0.5 1500 0.7
VCE(sat) VBE(sat) fT ton tstg tf
V V
75 0.3 3.5 0.9
MHz s s s
*h
FE
Rank classification
P Q
Rank hFE
800 to 1500 500 to 1000
1
Power Transistors
IC -- VCE
1.0 TC=25C 5 6 VCE=4V TC=25C
2SC5405
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=40 TC=25C
VCE(sat) -- IC
Collector current IC (A)
Collector current IC (A)
0.8
10
4
0.6 IB=0.9mA 0.8mA 0.7mA 0.6mA 0.5mA 0.4mA 0.2 0.3mA 0.2mA 0.1mA 0 0 2 4 6 8 10
3
1
0.4
2
0.1
1
0 0 0.2 0.4 0.6 0.8 1.0 1.2
0.01 0.01
0.1
1
10
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
Collector current IC (A)
hFE -- IC
10000 VCE=4V TC=25C
Forward current transfer ratio hFE
1000
100
10
1 0.01
0.1
1
10
100
Collector current IC (A)
2


▲Up To Search▲   

 
Price & Availability of 22SC5405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X